Part Number Hot Search : 
IN7440D 09081 V50100P HD74LS1 MM3042N SD103AW 3266Y502 52V9B5E
Product Description
Full Text Search
 

To Download 2SD2106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD2106
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 120V(Min) *Collector-Emitter Saturation Voltage: VCE(sat)= 1.5V(Max) @IC= 3A *High DC Current Gain : hFE= 1000(Min) @ IC= 3A, VCE= 3V
APPLICATIONS *Designed for low frequency power amplifier applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE 120 V 120 V 7 V 6 A 10 A 25 W
UNIT
.cn mi e
IC ICM
Collector Current-Continuous
Collector Current-Peak Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature 2
150

Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD2106
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 25mA ; RBE=
120
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 0.1mA; IE= 0
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 50mA; IC= 0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 6mA
B
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 6A; IB= 60mA
B
3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 3A; IB= 6mA
B
VBE(sat)-2
Base-Emitter Saturation Voltage
ICBO
Collector Cutoff Current
ICEO
Collector Cutoff Current
hFE
DC Current Gain
w w
scs .i w
B
IC= 6A; IB= 60mA
VCB= 100V; IE= 0
VCE= 100V; RBE=
.cn mi e
1000
2.0
V
3.5
V A
10
10
A
IC= 3A; VCE= 3V
20000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD2106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X